Part Number Hot Search : 
MBT2907A MBT2907A C1300 C1300 RJH60 5801917 02002 LVG42741
Product Description
Full Text Search
 

To Download 0022051112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0022051112 Active
2.50mm (.098") Pitch Wire-to-Board Header, Right Angle, Friction Lock, 11 Circuits, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF) Product Specification PS-5046-002 (PDF) Product Specification PS-5102-002 (PDF)
Product Specification PS-51191-002 (PDF) Product Specification PS-5251-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA TUV UL LR19980 R72090224 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 5046 Wire-to-Board N/A
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 11 11 30 No 94V-0 No No None Yes Brass Tin Tin 1 Right Angle 0.134 In 3.40 mm No None 0.062 In 1.60 mm Bag 0.098 In 2.50 mm 200 5 200 5 No Partial No No -40C to +105C
Search Parts in this Series 5046Series Mates With 51191 KK(R) Wire-to-Board Header
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A, 2.5A, 2A, 3A 250V
Material Info
Old Part Number 5046-11A
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-5046-001 PS-5046-002, PS-5102-002, PS-51191-002, PS-5251-001, RPS-51191-007 SD-5046-NA
This document was generated on 05/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0022051112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X